Part Number Hot Search : 
FU9024 12C10 SMCJ30 TLWR8 121001 MMBD142W FDS8958 AM7960DC
Product Description
Full Text Search
 

To Download MBR6045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR6045 Chips for Schottky Diodes
Chip Specification
General Description: Schottky Diode chips with Mo-barrier for switch mode power rectifiers with the following features:
* Guard-ring for stress protection * Extremely low forward voltage * 125 operation junction temperature * reverse avalanche behavior Mechanical Data: MBR6045 passivated Silicon Chip Dimension(mil): 200X200 mil Thickness: 350 +- 20 m Metallization: Top ( Anode ) : AlAg Bottom ( Cathode) : TiNiAg
Forward Current (A): Reverse Voltage (V): Type MBR6045
60A >45V
Chip size(mil) VF(V)@25 C at If =60A VF(V)@125 C at If =60A
IRM@VRMM
at 25 C
200X200
690mV
600mV
0,6mA
* expected value for recommended assembling with both side soldering Typical device :1N6392 Note: Other voltages & Top Metal AL are available


▲Up To Search▲   

 
Price & Availability of MBR6045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X